Part Number Hot Search : 
FN4241 1SV31107 C1004 SC1531 DG428DJ LME1212 CJND2007 FZT705TA
Product Description
Full Text Search
 

To Download LBB110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LBB110
DUAL POLE OptoMOS(R) Relay
Load Voltage Load Current Max RON
LBB110 350 120 35
Units V mA
Features * Small 8 Pin DIP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 3750VRMS Input/Output Isolation * FCC Compatible * VDE Compatible * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Surface Mount and Tape & Reel Versions Available
Description The LBB110 is a Dual 1 Form B solid state relay that has two independently controlled optically coupled MOSFETs. The efficient MOSFET switches and photovoltaic die use Clare's patented OptoMOS(R) architecture to provide 3750 VRMS of input to output isolation. The optically coupled inputs are controlled by highly efficient GaAIAs infrared LEDs. Dual pole OptoMOS relays provide a more compact design solution than discrete single pole relay in a variety of applications. The dual pole relays save board space by incorporating both relays in a single 8-pin package. Approvals * UL Recognized: File Number E76270 * CSA Certified: File Number LR 43639-10 * BSI Certified to: * BS EN 60950:1992 (BS7002:1992) Certificate #: 7344 * BS EN 41003:1993 Certificate #: 7344 Ordering Information Part # LBB110 LBB110P LBB110PTR LBB110S LBB110STR Description 8 Pin DIP (50/Tube) 8 Pin Flatpack (50/Tube) 8 Pin Flatpack (1000/Reel) 8 Pin Surface Mount (50/Tube) 8 Pin Surface Mount (1000/Reel)
Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hookswitch * Dial Pulsing * Ground Start * Ringer Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment--Patient/Equipment Isolation * Security * Aerospace * Industrial Controls
Pin Configuration
LBB110 Pinout
+ Control - Switch #1 - Control - Switch #1 + Control - Switch #2 - Control - Switch #2 1 2 3 4 8 7 6 5 Load - Switch #1 Load - Switch #1 Load - Switch #2 Load - Switch #2
Switching Characteristics of Normally Closed (Form B) Devices
10ms CONTROL
+90% +10% TOFF
+
90% TON
DS-LBB110-R6
www.clare.com
1
LBB110
Absolute Maximum Ratings (@ 25 C)
Parameter Input Power Dissipation Input Control Current Peak (10ms) Reverse Input Voltage Total Power Dissipation Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature (10 Seconds Max.) DIP Package Flatpack/Surface Mount Package
1 2
Min 3750 -40 -40
Typ Max Units - 1501 mW 50 mA 1 A 5 V - 8002 mW VRMS +85 C +125 C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
-
-
+260 +220
C C
Derate Linearly 1.33 mw/C Derate Linearly 6.67 mw/C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Voltage (Peak) Load Current* (Continuous) Peak Load Current On-Resistance Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Voltage Reverse Input Current Input to Output Capacitance Input to Output Isolation Conditions 10ms IL=120mA VL=350V IF=5mA,VL=10V IF=5mA,VL=10V 50V; f=1MHz IL=120mA IF=5mA VR=5V Symbol VL IL ILPK RON TON TOFF COUT IF IF VF VR IL VC/O VI/O Min 5 0.4 0.9 3750 Typ 25 25 0.7 1.2 3 Max 350 120 350 35 1 3 3 50 1.4 5 10 Units V mA mA A ms ms pF mA mA V V A pF VRMS
*Note: If both poles operate simulataneously load current must be derated so as not to exceed the package power dissipation value.
2
www.clare.com
Rev. 6
LBB110
PERFORMANCE DATA*
35 30 Device Count (N) 25 20 15 10 5 0
LBB110 Typical LED Forward Voltage Drop (N=50 Ambient Temperature = 25C) IF = 5mADC
25 20
LBB110 Typical On-Resistance Distribution (N=50 Ambient Temperature = 25C) (Load Current = 120mADC)
25 20
LBB110 Typical Blocking Voltage Distribution (N=50 Ambient Temperature = 25C) IF = 5mADC
Device Count (N)
Device Count (N)
15
15
10
10
5
5
0
0 25.5 26.5 27.5 28.5 29.5 30.5 31.5 357.5 372.5 387.5 402.5 417.5 432.5
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
On-Resistance ()
Blocking Voltage (V)
LBB110 Typical IF for Switch Operation (N=50 Ambient Temperature = 25C) (Load Current = 120mADC)
25 20 15 10 5 0 0.33 0.55 0.77 0.99 1.21 1.43 1.65 LED Current (mA) 25 20 15 10 5 0
LBB110 Typical IF for Switch Dropout (N=50 Ambient Temperature = 25C) (Load Current = 120mADC)
25 20 15 10
LBB110 Typical Turn-On Time (N=50 Ambient Temperature = 25C) (Load Current = 120mADC; IF = 5mADC)
Device Count (N)
Device Count (N)
Device Count (N)
5 0
0.11
0.33
0.55
0.77
0.99
1.21
1.43
0.09
0.27
0.45
0.63
0.81
0.99
LED Current (mA)
Turn-On (ms)
25 20 15 10
LBB110 Typical Turn-Off Time (N=50 Ambient Temperature = 25C) (Load Current = 120mADC; IF = 5mADC)
5 0 0.27 0.45 0.63 0.81 0.99 1.17 1.35 Turn-Off (ms)
180 160 140 120 100 80 60 40 20 0
LBB110 Typical Load Current vs. Temperature
0.045 0.040 0.035 Leakage (A) 0.030 0.025 0.020 0.015 0.010 0.005 0
LBB110 Typical Leakage vs. Temperature (Measured across Pins 5 & 6 or 7 & 8)
Load Current (mA)
Device Count (N)
-40 -20
0
20
40
60
80 100 120
-40
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
410
Blocking Voltage (VRMS)
LBB110 Typical Blocking Voltage vs. Temperature IF = 5mADC
LBB110 Typical Turn-On vs. Temperature (Load Current = 120mADC)
0.6 0.5 Turn-On (ms) Turn-Off (ms) 0.4 0.3 0.2 0.1 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 5mA -40 -20 0 20 40 60 80 100 0 -40
LBB110 Typical Turn-Off vs. Temperature (Load Current = 120mADC)
5mA
405 400 395 390 385 380 -40 -20 0 20 40 60 80 100
10mA
0 Temperature (C)
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
Rev. 6
www.clare.com
3
LBB110
PERFORMANCE DATA*
LBB110 Typical LED Forward Voltage Drop vs. Temperature
LED Forward Voltage Drop (V) 1.8 1.6
Turn-On (ms)
LBB110 Typical Turn-On vs. LED Forward Current (Load Current = 120mADC)
0.3000 0.2500 0.2000 0.1500 0.1000 0.0500
Turn-Off (ms)
LBB110 Typical Turn-Off vs. LED Forward Current (Load Current = 120mADC)
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80
50mA 10mA 5mA
100
120
0 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA)
0
5
10
15
20
25
30
35
40
45
50
Temperature (C)
LED Forward Current (mA)
50 45 40 35 30 25 20 15 10 5 0
LBB110 Typical On-Resistance vs. Temperature (Load Current =Max Rated Over Temp.)
3.0 Dual Pole Single Pole LED Current (mA) 2.5
LBB110 Typical IF for Switch Operation vs. Temperature (Load Current = 120mADC)
3.0 2.5 LED Current (mA) 2.0 1.5 1.0 0.5 0 -40 -20 0 20 40 60 80 100 -40
LBB110 Typical IF for Switch Dropout vs. Temperature (Load Current = 120mADC)
On-Resistance()
2.0 1.5 1.0 0.5
Instantaneous
-40
-20
0
20
40
60
80
100
0 Temperature (C)
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
150
Load Current (mA)
LBB110 Typical Load Current vs. Load Voltage (Ambient Temperature = 25C)
LBB110 Energy Rating Curve
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 10s 100s 1ms 10ms 100ms Time
100 0 -50 -100 -150 -4 -3 -2 -1 0 1 2 3 4
Load Current (A)
50
Load Voltage (V)
1s
10s 100s
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
Rev. 6
LBB110
Mechanical Dimensions
8 Pin DIP Through Hole (Standard)
7.620 .254 (.300 .010) 3.302 (.130) 9.144 TYP. (.360) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 8-.800 DIA. (.100 .005) (8-.031 DIA.) 7.620 .127 (.300 .005)
7.239 TYP. (.285)
9.144 .508 (.360 .020)
6.350 .127 (.250 .005)
.457 .076 (.018 .003) 8.077 .127 (.318 .005 )
7.620 .127 (.300 .005)
8 Pin DIP Surface Mount ("S" Suffix)
7.620 .254 (.300 .010) 4.445 .127 (.175 .005) 3.302 (.130) .635 TYP. (.025) .254 TYP. (.010) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View) 2.540 .127
(.100 .005)
9.525 .254 (.375 .010) 1.905 .127 (.075 .005) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.498 .127 (.059 .005)
8.305 .127 (.327 .005)
8 Pin Flatpack ("P" Suffix)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 (.100 .005) 9.398 .127 (.370 .005)
2.159 TYP. (.085)
7.620 .254 (.300 .010) 6.350 .127 (.250 .005) .203 (.008) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.193 (.047)
2.286 MAX. .635 .127 (.090) (.025)
8.763 .127 (.345 .005)
.787 (.031)
Dimensions mm (inches)
Rev. 6
www.clare.com
5
LBB110
Mechanical Dimensions
Tape and Reel Packaging for 8 Pin Surface Mount Package
330.2 DIA. (13.00) Top Cover Tape Thickness .102 MAX. (.004) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
6.731 MAX. 1.753 .102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004) 12.090 (.476) 4.877 (.192)
1
8
16.002 .305 (.630 .012) 10.300 (.405)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.989 .102 (.472 .004) User Direction of Feed
10.300 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Tape and Reel Packaging for 8 Pin Flatpack Package
330.2 DIA. (13.00) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
Top Cover Tape Thickness .102 MAX. (.004)
6.731 MAX. 1.753 0.102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004)
1
8
16.002 .305 (.630 .012) 10.287 (.405)
12.090 (.476) 4.877 (.192)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.988 .102 (.472 .004) User Direction of Feed
10.287 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Dimensions mm (inches)
6
www.clare.com
Rev. 6
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-LBB110-R6 (c)Copyright 2001, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 1/25/01


▲Up To Search▲   

 
Price & Availability of LBB110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X